Part Number Hot Search : 
M204SD 120H2M5A RJK0362 TB1012F MM3Z5543 04597 10LFT D2454
Product Description
Full Text Search
 

To Download IXFH16N80P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 ixys all rights reserved g d s g = gate d = drain s = source tab = drain ds99599e(07/06) polarhv tm power mosfet v dss = 800 v i d25 =16 a r ds(on) 600 m t rr 250 ns n-channel enhancement mode fast recovery diode avalanche rated symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0 v, i d = 250 a 800 v v gs(th) v ds = v gs , i d = 4 ma 3.0 5.0 v i gss v gs = 30 v, v ds = 0 v 100 na i dss v ds = v dss 25 a v gs = 0 v t j = 125 c 250 a r ds(on) v gs = 10 v, i d = 0.5 i d25 600 m pulse test, t 300 s, duty cycle d 2 % symbol test conditions maximum ratings v dss t j = 25 c to 150 c 800 v v dgr t j = 25 c to 150 c; r gs = 1 m 800 v v gss continuous 30 v v gsm transient 40 v i d25 t c = 25 c16a i dm t c = 25 c, pulse width limited by t jm 40 a i ar t c = 25 c8a e ar t c = 25 c30mj e as t c = 25 c 1.0 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss 10 v/ns t j 150 c, r g = 5 p d t c = 25 c 460 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c t sold plastic body for 10 s 260 c m d mounting torque (to-247) 1.13/10 nm/lb.in. f c mounting force (plus220) 11..65/2.5..15 n/lb weight to-247 6.0 g to-268 5.0 g plus220 & plus220smd 4.0 g ixfh 16n80p ixft 16n80p ixfv 16n80p ixfv 16n80ps to-268 (ixft) g s d (tab) to-247 (ixfh) g s d (tab) plus220smd (ixfv...s) g s d plus220 (ixfv) d (tab) features z fast recovery diode z unclamped inductive switching (uis) rated z international standard packages z low package inductance - easy to drive and to protect advantages z easy to mount z space savings z high power density
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 16n80p ixft 16n80p ixfv 16n80p ixfv 16n80ps symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 20 v; i d = 0.5 i d25 , pulse test 9 16 s c iss 4600 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 330 pf c rss 23 pf t d(on) 27 ns t r v gs = 10 v, v ds = v dss, i d = 0.5 i d25 32 ns t d(off) r g = 5 (external) 75 ns t f 29 ns q g(on) 71 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 21 nc q gd 23 nc r thjc 0.27 c/w r thcs (to-247) 0.21 c/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 16 a i sm repetitive 48 a v sd i f = i s , v gs = 0 v, pulse test 1.5 v t rr i f = 25a, -di/dt = 100 a/ s 150 250 ns i rm v r = 100v; v gs = 0 v 7 a q rm 0.7 c ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537
? 2006 ixys all rights reserved fig. 7. input admittance 0 5 10 15 20 25 30 35 40 45 50 4 4.5 5 5.5 6 6.5 7 7.5 v g s - volts i d - amperes t j = 125 o c 25 o c -40 o c fig. 8. transconductance 0 5 10 15 20 25 30 35 40 45 50 0 5 10 15 20 25 30 35 40 45 50 i d - amperes g f s - siemens t j = -40 o c 25 o c 125 o c ixfh 16n80p ixft 16n80p ixfv 16n80p ixfv 16n80ps fig. 1. output characteristics @ 25oc 0 2 4 6 8 10 12 14 16 012345678910 v ds - volts i d - amperes v gs = 10v 7v 6v 5v fig. 2. extended output characteristics @ 25oc 0 2 4 6 8 10 12 14 16 18 20 22 24 0 2 4 6 8 10 12 14 16 18 20 v ds - volts i d - amperes v gs = 10v 7v 5v 6v fig. 3. output characteristics @ 125oc 0 2 4 6 8 10 12 14 16 0 2 4 6 8 10 12 14 16 18 20 v ds - volts i d - amperes v gs = 10v 7v 6v 5v fig. 4. r ds(on) normalized to i d = 8a value vs. junction temperature 0.4 0.7 1 1.3 1.6 1.9 2.2 2.5 2.8 3.1 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 16a i d = 8a fig. 5. r ds(on) normalized to i d = 8a value vs. drain current 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 0 2 4 6 8 10 12 14 16 18 20 22 24 i d - amperes r ds(on) - normalized v gs = 10v t j = 125oc t j = 25oc fig. 6. maximum drain current vs. case temperature 0 2 4 6 8 10 12 14 16 18 20 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes
ixys reserves the right to change limits, test conditions, and dimensions. ixfh 16n80p ixft 16n80p ixfv 16n80p ixfv 16n80ps fig. 7. input admittance 0 2 4 6 8 10 12 14 16 18 20 3 3.5 4 4.5 5 5.5 6 v gs - volts i d - amperes t j = 125oc 25oc - 40oc fig. 8. transconductance 0 4 8 12 16 20 24 28 0 2 4 6 8 1012141618202224 i d - amperes g f s - siemens t j = - 40oc 25oc 125oc fig. 9. forward voltage drop of intrinsic diode 0 5 10 15 20 25 30 35 40 45 50 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 v sd - volts i s - amperes t j = 125oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 1020304050607080 q g - nanocoulombs v gs - volts v ds = 400v i d = 8a i g = 10ma fig. 11. capacitance 10 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarad s f = 1 mhz c iss c rss c oss fig. 12. maximum transient thermal resistance 0.01 0.10 1.00 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds r (th)jc - oc / w f_16n80p (67) 04-28-06.xls
? 2006 ixys all rights reserved to-268 (ixft) outline to-247 ad (ixfh) outline dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc 1 2 3 ixfh 26n60p ixft 26n60p ixfv 26n60p ixfv 26n60ps plus220smd (ixfv_s) outline plus220 (ixfv) outline


▲Up To Search▲   

 
Price & Availability of IXFH16N80P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X